Part Number Hot Search : 
SSG9962 TC554161 P11N60C 110001 5233B 110001 ZT651 IRF1310N
Product Description
Full Text Search
 

To Download M675-01-BA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  m675 datasheet rev 0.5 revised 29jul2009 integrated device technology, inc. communication modules www.idt.com tel (508) 852-5400 m675 v oltage c ontrolled saw o scillator preliminary information g eneral d escription the m675 is a vcso (voltage controlled saw oscillator) frequency so urce for low-jitter clock generation. an integrated saw (surface acoustic wave) delay line implements the high-q vco (voltage controlled oscillator) function, which results in low output phase noise and very low jitter. the m675-01 is available in a range of center frequencies from 125 to 175 mhz. the m675-02 provides 500 to 700 mhz. guaranteed minimum pull-range of 100 ppm meets gbe requirements. (it also fully satisfies 50 ppm minimum pull-range specification commonly required.) industry-standard kvco (vco gain) provides full replacement compati- bility. the m675 is well suit ed for phase-locked loop implementations, clock and data recovery circuits, and other timing applications in telecom and optical fiber networking s ystems (e.g., sonet/sdh ). f eatures integrated saw device m675-01 output frequencies from 125 to 175 mhz m675-02 output frequencies from 500 to 700 mhz (specify center frequency at time of order) industry-standard kvco for full compatibility low phase jitter 0.2ps rms typical for the m675-02 (50khz to 80mhz) differential 3.3v lvpecl output single 3.3v power supply small 5 x 7.5mm smt (s urface mount) package p in a ssignment (5 x 7.5mm smt) figure 1: pin assignment b lock d iagram figure 2: block diagram sample of available output frequencies vcso center frequencies 1 (mhz) note 1: specify vcso center frequencies at time of order applications m675-01 m675-02 155.5200 622.0800 sonet/sdh 156.2500 625.0000 gigabit ethernet 161.1328 644.5313 gigabit ethernet fec 167.3316 669.3266 sonet/sdh fec table 1: sample of ava ilable output frequencies m675 (top view) 1 2 34 5 6 vin c lk_en vcc nfou t gnd fout m675 clk_en vin fout nfout saw delay line phase shifter m670 m675 m675 voltage controlled saw oscillator
m675 datasheet rev 0.5 2 of 6 revised 29jul2009 integrated device technology, inc. communication modules www.idt.com tel (508) 852-5400 m675 v oltage c ontrolled saw o scillator preliminary information p in d escriptions number name i/o configuration description 1vin input frequency control input. 2clk_en input internal pull-up resistor 1 clock enable: logic 1 enables normal operation . logic 0 stops the output clock; nfout is held high, fout is held low. 3gnd ground power supply ground connection. 4 5 fout nfout output no internal terminator clock output pair. differential lvpecl. 6vcc power power supply connection, connect to + 3.3 v. table 2: pin descriptions note 1: see ?clock enable pull-up? in t able 5 (dc characteristics for m675-01 on pg. 3) and table 7 (dc char acteristics for m675 -02 on pg. 4). a bsolute m aximum r atings 1 note 1: stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. these ratings are stress s pecifications only. func tional operation of produc t at these conditions or any conditions beyond those li sted in recommended conditions of operation, dc characteristics, or ac characteristics is not implied. exposure to abs olute maximum rating condit ions for extended periods may affect product reliability . symbol parameter rating unit v i inputs - 0.5 to v cc + 0.5 v v o outputs - 0.5 to v cc + 0.5 v v cc power supply voltage 4.6 v t s storage temperature - 55 to + 125 o c table 3: absolute maximum ratings r ecommended c onditions of o peration symbol parameter min typ max unit v cc positive supply voltage 2.97 3.3 3.63 v t a ambient operating temperature - 40 25 + 85 o c table 4: recommended c onditions of operation
m675 datasheet rev 0.5 3 of 6 revised 29jul2009 integrated device technology, inc. communication modules www.idt.com tel (508) 852-5400 m675 v oltage c ontrolled saw o scillator preliminary information e lectrical s pecifications for m675-01 dc characteristics for m675-01 unless stated otherwise, v cc = 3.3 volts + 10%, t a = 0 to 85 o c, vcso freq.s = 155.52 mhz, outputs terminated into 180 ? to ground symbol parameter pin min typ max unit power supply v cc positive supply voltage vcc 2.97 3.3 3.63 v i cc power supply current 85 125 ma control voltage v in input control voltage range vin 0 3.3 v v in input impedence 100 k ? clock enable pull-up 1 note 1: internally pulled up to logic 1 (normal operation) if left unselected. v ih input high voltage clk_en 2 v cc + 0.3 v v il input low voltage - 0.3 0.8 v i ih input high current 5 a i il input low current -1 50 a r pullup internal pull-up resistor 51 k ? differential outputs v oh output high voltage fout, nfout v cc - 0.98 v cc - 0.75 v v ol output low voltage v cc - 1.95 v cc - 1.63 v v p - p peak to peak output voltage 2 note 2: single-ended measurement. see figure 3, output rise and fall time, on pg. 5. 0.450 0.625 0.85 v p - p i out output current 20 ma table 5: dc characteristics for m675-01 ac characteristics for m675-01 unless stated otherwise, v cc = 3.3 volts + 10%, t a = 0 to 85 o c, vcso freq. = 155.52 mhz, outputs terminated into 180 ? to ground symbol parameter min typ max unit notes control voltage v in modulation bandwidth vin 500 khz output f out output center frequency range m675-01 125 175 mhz apr absolute (guaranteed) pull-range 1 note 1: also fully meets 50 ppm minimum pull- range specification that is commonly required. 100 ppm f stab frequency stability 100 ppm p-p at any givin v in l in tuning linearity 6 % v in = 0.3 to 3.0 v best fit straight line k vco vco gain 400 ppm/v v in = 0.3 to 3.0 v non-harmonic spurious -50 -77 dbc n ssb (single sideband) phase noise, offset from carrier 100hz offset -52 dbc/hz 1khz offset -80 dbc/hz 10khz offset -112 dbc/hz 100khz offset -136 dbc/hz 1mhz offset -146 dbc/hz j(t) jitter (rms) 12khz to 20mhz 0.36 ps rms 50khz to 80mhz 0.50 ps rms odc output duty cycle 2 note 2: see parameter measurement information on pg. 5. 45 55 % t r output rise time 2 for fout, nfout 275 425 ps 20 % to 80 % t f output fall time 2 for fout, nfout 275 425 ps 20 % to 80 % table 6: ac characteristics for m675-01
m675 datasheet rev 0.5 4 of 6 revised 29jul2009 integrated device technology, inc. communication modules www.idt.com tel (508) 852-5400 m675 v oltage c ontrolled saw o scillator preliminary information e lectrical s pecifications for m675-02 dc characteristics for m675-02 unless stated otherwise, v cc = 3.3 volts + 10%, t a = 0 to 85 o c, vcso freq. = 622.08 mhz, outputs terminated into 180 ? to ground symbol parameter pin min typ max unit power supply v cc positive supply voltage vcc 2.97 3.3 3.63 v i cc power supply current 85 125 ma control voltage v in input control voltage range vin 0 3.3 v v in input impedence 100 k ? clock enable pull-up 1 note 1: internally pulled up to logic 1 (normal operation) if left unselected. v ih input high voltage clk_en 2 v cc + 0.3 v v il input low voltage - 0.3 0.8 v i ih input high current 5 a i il input low current -1 50 a r pullup internal pull-up resistor 51 k ? differential outputs v oh output high voltage fout, nfout v cc - 0.98 v cc - 0.75 v v ol output low voltage v cc - 1.95 v cc - 1.63 v v p - p peak to peak output voltage 2 note 2: single-ended measuremen t. see figure 3, output rise and fall time, on pg. 5. 0.450 0.625 0.85 v p - p i out output current 20 ma table 7: dc characteristics for m675-02 ac characteristics for m675-02 unless stated otherwise, v cc = 3.3 volts + 10%, t a = 0 to 85 o c, vcso freq. = 622.08 mhz, outputs terminated into 180 ? to ground symbol parameter min typ max unit notes control voltage v in modulation bandwidth vin 500 khz output f out output center frequency range m675-02 500 700 mhz apr absolute (guaranteed) pull-range 1 note 1: also fully meets 50 ppm minimum pull -range specification that is commonly required. 100 ppm f stab frequency stability 100 ppm p-p at any givin v in l in tuning linearity 6 % v in = 0.3 to 3.0 v best fit straight line k vco vco gain 400 ppm/v v in = 0.3 to 3.0 v non-harmonic spurious -50 -77 dbc n ssb (single sideband) phase noise, offset from carrier 100hz offset -48 dbc/hz 1khz offset -75 dbc/hz 10khz offset -99 dbc/hz 100khz offset -124 dbc/hz 1mhz offset -142 dbc/hz j(t) jitter (rms) 12khz to 20mhz 0.30 ps rms 50khz to 80mhz 0.18 ps rms odc output duty cycle 2 note 2: see parameter measurement information on pg. 5. 45 55 % t r output rise time 2 for fout, nfout 275 400 ps 20 % to 80 % t f output fall time 2 for fout, nfout 275 400 ps 20 % to 80 % table 8: ac characteristics for m675-02
m675 datasheet rev 0.5 5 of 6 revised 29jul2009 integrated device technology, inc. communication modules www.idt.com tel (508) 852-5400 m675 v oltage c ontrolled saw o scillator preliminary information p arameter m easurement i nformation output rise and fall time figure 3: output rise and fall time output duty cycle figure 4: output duty cycle d evice p ackage - 5 x 7.5mm smt (s urface mount) package mechanical dimensions: figure 5: device package - 5 x 7.5mm smt (surface mount) package 20% 80% t r 20% t f 80% clock outputs v p-p t pw t period (output pulse width) t period t pw odc = nfout fout dimensions are in mm; dimensions in [ ] are in inches unless otherwise specified, all dimensions are 0.13 [0.005] -02-aa m675
m675 datasheet rev 0.5 6 of 6 revised 29jul2009 integrated device technology, inc. communication modules www.idt.com tel (508) 852-5400 while the information presented herein has been checked for both accuracy and reliabi lity, integrated circuit systems (ics) assumes no responsibility for either its use or for the infringemen t of any patents or other rights of third parties, which wou ld result from its use. no other ci rcuits, patents, or licenses are implied. this product is intended for use in normal commercial applications. any other applications such as those requiring extended te mperature range, high reliability, or other extraordina ry environmental requirements are not recomm ended without additional processing by ics. ics reserves the right to change any circuitry or specifications without notice. ics does not authorize or warrant any ics product for use in life support devices o r critical medical instruments. m675 v oltage c ontrolled saw o scillator preliminary information o rdering i nformation part numbering scheme figure 6: part numbering scheme example order numbers m675-01 standard output frequencies & order codes m675-02 standard output frequencies & order codes consult idt for the avail ability of other frequencies for output frequencies order part # m675-01- b x for output frequencies order part # m675-02- a x 155.5200 M675-01-BA 622.0800 m675-02-aa 156.2500 m675-01-bb 625.0000 m675-02-ab 161.1328 m675-01-bd 644.5313 m675-02-ad 167.3316 m675-01-bh 669.3266 m675-02-ah table 9: example order numbers m675 part number: m680-01 - xx see tables 10 and 11 at right for frequency order codes. output frequency order code device number consult ics for other frequencies and order codes. m675 variant -01 = output frequencies 125 - 175 mhz -02 = output frequencies 500 - 700 mhz -0y 125.0000 da 168.0407 bj 155.5200 ba 172.6423 bk 156.2500 bb 173.3708 bl 156.8324 bc 164.3555 bm 161.1328 bd 153.6000 bo 166.6286 be 118.7500 bp 167.2820 bf 176.8382 bq 167.3280 bg 156.1762 br 167.3316 bh 174.1537 bu 167.7097 bi 174.7031 bv table 10: m675-01 standard ou tput frequencies & order codes 500.0000 ca 672.1627 aj 622.0800 aa 690.5692 ak 625.0000 ab 693.4830 al 627.3296 ac 657.4219 am 644.5313 ad 614.4000 ao 666.5143 ae 475.0000 ap 669.1281 af 707.3527 aq 669.3120 ag 624.7048 ar 669.3266 ah 696.6149 au 670.8386 ai 698.8123 av table 11: m675-02 standard ou tput frequencies & order codes


▲Up To Search▲   

 
Price & Availability of M675-01-BA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X